Part Number Hot Search : 
AO3416 AFL05290 HC1G14 PL14P4BD OM9375SP 1N4001 A1212 PG210B
Product Description
Full Text Search
 

To Download AD9721BR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES 400 MSPS (ECL)/100 MSPS (TTL) Update Rate Low Glitch Impulse: 1.5 pV-s Fast Settling: 4.5 ns to 1/2 LSB Low Power: 1.1 W On-Board Quadrature Logic for DDS Applications Differential Clock (ECL) APPLICATIONS Direct Digital Synthesis Arbitrary Waveform Synthesis Waveform Reconstruction High Speed Imaging
10-Bit, 400 MSPS D/A Converters AD9720/AD9721
isolated bipolar process. The AD9720 is ECL compatible, and will update up to 400 MSPS; the AD9721 is TTL compatible and will update up to 100 MSPS. Designed for direct digital synthesis (DDS), waveform reconstruction, and high resolution video applications, both devices feature low glitch impulse of 1.5 pV-s and fast settling times of 4.5 ns to 1/2 LSB. Both converters are characterized for dynamic performance, and have excellent harmonic suppression and spectral purity in waveform generation applications. The units are available in 28-lead DIPs, LCCs and SOICs. Industrial temperature range devices are packaged in plastic for operation from -25C to +25C; extended temperature range devices for operation from -55C to +125C are in hermetic ceramic packages. Contact the factory for information about the availability of MIL-STD-883 devices.
GENERAL DESCRIPTION
The AD9720 and AD9721 D/A converters are 10-bit, high speed digital-to-analog converters constructed in an oxide
FUNCTIONAL BLOCK DIAGRAM
ANALOG RETURN DECODERS & DRIVERS SWITCH NETWORK IOUT
D1 REGISTER
INVERTERS
D2 TTL OR ECL DRIVE LOGIC
10
IOUT
D 10 INVERT CLOCK CLOCK
REFERENCE IN
+
INTERNAL VOLTAGE REFERENCE CONTROL AMP CONTROL AMP OUT
0.1F
-
R SET
REFERENCE OUT
CONTROL AMP IN
DIGITAL -V S
DIGITAL +V S BYP.
ANALOG -V S BYP. BYP. -5.2V
-5.2V
+5V
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 World Wide Web Site: http://www.analog.com Fax: 617/326-8703 (c) Analog Devices, Inc., 1997
AD9720/AD9721-SPECIFICATIONS +5 V (AD9721 only); Reference Voltage = -1.25 V;R (-V = -5.2 V; +V =
ELECTRICAL CHARACTERISTICS
Parameter (Conditions) RESOLUTION DC ACCURACY Differential Nonlinearity Integral Nonlinearity ("Best Fit" Straight Line) INITIAL OFFSET ERROR Zero-Scale Offset Error Full-Scale Gain Error 1 Offset Drift Coefficient REFERENCE/CONTROL AMP Internal Reference Voltage Internal Reference Voltage Drift Internal Reference Output Current Amplifier Input Impedance Amplifier Bandwidth REFERENCE INPUT 2 Reference Input Impedance Reference Multiplying Bandwidth 3 OUTPUT PERFORMANCE Full-Scale Output Current 2, 4 Output Compliance Range Output Resistance Output Capacitance Output Update Rate Voltage Settling Time (1/2 LSB) 5 Propagation Delay (t PD)6 Glitch Impulse 7 Output Slew Rate 8 Output Rise Time 8 Output Fall Time 8 DIGITAL INPUTS Logic "1" Voltage Logic "0" Voltage Logic "1" Current Logic "0" Current Input Capacitance Input Setup Time (t S)9 Input Hold Time (t H)10 Clock Pulse Width (Low) Clock Pulse Width (High) DYNAMIC PERFORMANCE Spurious-Free Dynamic Range (SFDR) 11 2.02 MHz; 100 MSPS; 2 MHz Span 25.01 MHz; 100 MSPS; 2 MHz Span 10.02 MHz; 250 MSPS; 5 MHz Span 62.54 MHz; 250 MSPS; 5 MHz Span 70 MHz; 220 MSPS; 10 MHz Span POWER SUPPLY 12 Negative Supply Current (-5.2 V) 13 Positive Supply Current (+5.0 V) Nominal Power Dissipation Power Supply Rejection Ratio (PSRR) 14 +25C Full +25C Full +25C Full +25C Full +25C +25C Full Full Full +25C +25C I VI I VI I VI I VI V I VI V IV V V
S S
SET
= 1,960
,
unless otherwise noted)
AD9720TE/TQ Min Typ Max 10 0 75 1.0 1.0 1.5 60 75 15 15 0.6 0.7 1.0 1.5 1.5 2.0 60 75 15 15 AD9721BN/BR Min Typ Max 10 0.25 0.5 0.75 1.0 1.0 1.5 60 75 15 15 AD9721TE/TQ Min Typ Max 10 0.6 0.7 1.0 1.5 1.5 2.0 60 75 15 15 Units Bits LSB LSB LSB LSB A A % % A/C V V V/C A k MHz k MHz mA V pF MSPS ns ns pV-s V/s ps ps V V A A pF ns ns ns ns ns ns
Test AD9720BN/BR Temp Level Min Typ Max 10 0.25 0.5
16 20 2 0.04
16 20 2 0.04 -1.15 -1.15 -50 50 1 4.6 75 20.48 -1.25 100
16 20 2 0.04
16 20 2 0.04
-1.15 -1.25 -1.35 -1.15 -1.35 100 -50 +500 50 1 4.6 75 20.48 -1.5 210 6 400 4.5 4.0 1.5 1,000 675 470 -1.0 -1.5 50 2 1.0 1.2 1.6 2.8 1.1 1.4 3 0.4 1.2 0.85 0.85 +3
-1.35 -1.35 +500
-1.15 -1.15 -50
-1.25 100
-1.35 -1.35 +500
-1.15 -1.15 -50
50 1 4.6 75 20.48 +3 -1.5 210 6 100 4.5 4.5 1.5 1,000 675 470 2.0 -1.6 50 2 0.8 400 700 1.0 1.2 2.0 2.3 1.0 1.1 3 0.5 1.25 0.85 0.85 1.0 1.2 2.0 2.3 1.0 1.1 2.0 +3 -1.5
-1.25 -1.35 -1.35 100 +500 50 1 4.6 75 20.48 +3 210 6 100 4.5 4.5 1.5 1,000 675 470
+25C V +25C V +25C +25C +25C +25C +25C +25C +25C +25C +25C +25C +25C Full Full Full Full +25C +25C Full +25C Full +25C +25C V IV V V V V V V V V V VI VI VI VI V IV IV IV IV IV IV
-1.5 210 6 400 4.5 4.0 1.5 1,000 675 470 -0.9
0.8 400 700 3 0.5 1.25 0.85 0.85
1.0 1.2 1.6 2.8 1.1 1.4
3 0.4 1.2 0.85 0.85
+25C +25C +25C +25C +25C +25C Full +25C Full +25C +25C
V V V V V I VI I VI V V
75 66 70 55 70 210 N/A N/A 1.1 50 280 290
75 66 70 55 70 210 N/A N/A 1.1 50 280 290
75 66 N/A N/A N/A 218 14 1.2 50 290 300 30 30
75 66 N/A N/A N/A 218 14 1.2 50 290 300 30 30
dBc dBc dBc dBc dBc mA mA mA mA W A/V
-2-
REV. A
AD9720/AD9721 AD9720/AD9721
NOTES 11 Measured as error in ratio of full-scale current to current through R SET (640 A nominal); ratio is nominally 32. DAC load is virtual ground. 12 Full-scale current variations among devices are higher when driving REFERENCE IN directly. 13 Frequency at which a 3 dB change in output of DAC is observed, R L = 50 ; 100 mV modulation at midscale. 14 Based on IFS = 32 (CONTROL AMP IN/R SET) when using internal control amplifier. DAC load is virtual ground. 15 Measured as voltage settling at midscale transition to 0.1%; RL = 50 . 16 Measured from 50% point of rising edge of CLOCK signal to 1/2 LSB change in output signal. 17 Peak glitch impulse is measured as the largest area under a single positive or negative transient. 18 Measured with RL = 50 and DAC operating in latched mode. 19 Data must remain stable for specified time prior to rising edge of CLOCK. 10 Data must remain stable for specified time after rising edge of CLOCK. 11 SFDR is defined as the difference in signal energy between the fundamental and worst case spurious frequencies in the output spectrum window, which is centered at the fundamental frequency and covers the indicated span. 12 Supply voltages should remain stable within 5% for normal operation. 13 190 mA typ on Digital -V S, 30 mA typ on Analog -V S. 14 Measured at 5% of +VS (AD9721 only) and -V S (AD9720 or AD9721) using external reference. Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS 1
EXPLANATION OF TEST LEVELS
Positive Supply Voltage (+VS) (AD9721 Only) . . . . . . . . +6 V Negative Supply Voltage (-VS) (AD9720 and AD9721) . . . . . . . . . . . . . . . . . . . . . . . . -7 V Digital Input Voltages (D1-D10, CLOCK, CLOCK) AD9720 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to -VS AD9721 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to +VS Internal Reference Output Current . . . . . . . . . . . . . . . 500 A Control Amplifier Input Voltage Range . . . . . . . . . 0 V to -4 V Control Amplifier Output Current . . . . . . . . . . . . . . 2.5 mA Reference Input Voltage Range (VREF) . . . . . . . . . . 0 V to -VS Analog Output Current . . . . . . . . . . . . . . . . . . . . . . . . 30 mA Operating Temperature Range AD9720/AD9721BN/BR . . . . . . . . . . . . . . -25C to +85C AD9720/AD9721TE/TQ . . . . . . . . . . . . . -55C to +125C Maximum Junction Temperature2 AD9720/AD9721BN/BR . . . . . . . . . . . . . . . . . . . . . +150C AD9720/AD9721TE/TQ . . . . . . . . . . . . . . . . . . . . . +175C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300C Storage Temperature Range . . . . . . . . . . . . -65C to +150C
NOTES 1 Absolute maximum ratings are limiting values to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional operability is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability. 2 Typical thermal impedances: 28-Lead plastic DIP: JA = 37C/W, JC = 10C/W; 28-Leadless LCC: JA = 41C/W, JC = 13C/W; 28-Lead SOIC: JA = 46C/W, JC = 10C/W; 28-Lead Cerdip: JA = 35C/W, JC = 10C/W. Soldered to board; no air flow.
Test Level I - 100% production tested. II - 100% production tested at +25C, and sample tested at specified temperatures. III - Sample tested only. IV - Parameter is guaranteed by design and characterization testing. V - Parameter is a typical value only. VI - All devices are 100% tested at +25C. 100% production tested at temperature extremes for extended temperature devices; sample tested at temperature extremes for commercial/industrial devices.
DIE LAYOUT AND MECHANICAL INFORMATION
Die Dimensions . . . . . . . . . . . . . . . 199 165 15 ( 2) mils Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 4 mils Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -VS Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Nitride
ORDERING GUIDE
Model AD9720BN AD9720BR AD9720TE AD9720TQ AD9721BN AD9721BR AD9721TE AD9721TQ Temperature Range -25C to +85C -25C to +85C -55C to +125C -55C to +125C -25C to +85C -25C to +85C -55C to +125C -55C to +125C Package Description 28-Lead Plastic DIP 28-Lead SOIC 28-Leadless LCC 28-Lead Cerdip 28-Lead Plastic DIP 28-Lead SOIC 28-Leadless LCC 28-Lead Cerdip Package Options N-28 R-28 E-28A Q-28 N-28 R-28 E-28A Q-28
REV. A
-3-
AD9720/AD9721
PIN FUNCTION DESCRIPTIONS
DIP Pin # Name 1 2-9 10 D1 (MSB) D2-D9 D10 (LSB)
Function Most Significant Bit (MSB) of digital input word. Eight of 10 digital input bits. Digital inputs are 10K ECL compatible for AD9720; TTL compatible for AD9721. See coding table elsewhere. Least Significant Bit (LSB) of digital input word. Input Coding vs. Current Output Input Code D1-D10 1111111111 0000000000 IOUT (mA) -20.48 0
IOUT (mA) 0 -20.48
11
12 13 14 15 16 17 18 19 20 21 22 23
24 25 26 27 28
Edge-triggered latch enable signal for on-board registers. 10K ECL compatible for AD9720. TTL compatible for AD9721. Register loads data on rising edge of CLOCK signal; must be driven in conjunction with CLOCK. CLOCK/NC Complementary edge-triggered latch enable signal for on-board registers. 10K ECL compatible for AD9720; not connected (NC) for AD9721. INVERT Normally connected to logic LOW; inverters are transparent in this mode. Logic High inverts the 9 LSBs (D2-D10) when the MSB is LOW. No internal pull-down resistor. DIGITAL -VS/+VS One of three digital supply pins; nominally -5.2 V for AD9720; +5 V for AD9721. GROUND Converter ground return. DIGITAL -VS One of three negative digital supply pins; nominally -5.2 V. RSET Connection for external resistance reference; nominally 1,960 . Full-scale current out = 32 (CONTROL AMP IN/RSET) when using internal amplifier. DAC load is virtual ground. GROUND Converter ground return. ANALOG RETURN Analog current return. This point and the reference side of the DAC load resistors should be connected to the same potential (nominally ground). IOUT Analog current output; full-scale output occurs with digital inputs at all "1." With external load resistor, output voltage IOUT (RLOAD RINTERNAL). RINTERNAL is nominally 210 . IOUT Complementary analog current output; zero-scale output occurs with digital inputs at all "1." ANALOG -VS Negative analog supply; nominally -5.2 V. REFERENCE IN Normally connected to CONTROL AMP OUT (Pin 24). Direct line to DAC current source network. Voltage changes (noise) at this point have a direct effect on the full-scale output current of DAC. Full-scale current output = 32 (CONTROL AMP IN/RSET) when using internal amplifier. DAC load is virtual ground. CONTROL AMP OUT Normally connected to REFERENCE INPUT (Pin 23). Output of internal control amplifier, which provides a reference for the current switch network. REFERENCE OUT Normally connected to CONTROL AMP IN (Pin 26). Internal voltage reference, nominally -1.25 V. CONTROL AMP IN Normally connected to REFERENCE OUT (Pin 25) if not connected to external reference. DIGITAL -VS One of three negative digital supply pins; nominally -5.2 V. GROUND Converter ground return.
PIN CONFIGURATIONS DIP & SOIC Packages
D1(MSB) 1 D2 2 D3 3 D4 4 D5 5 D6 6 D7 7 28 GROUND 27 DIGITAL -VS
4
CLOCK
LCC Package
DIGITAL -VS D1 (MSB) GROUND AMP IN
D3
3
D2
2
26 CONTROL AMP IN
D4
AD9720/ AD9721
DIP
25 REFERENCE OUT 24 CONTROL AMP OUT 23 REFERENCE IN
1
28 27 26
D5 5 D6 6 D7 7 D8 8 D9 9 D10 (LSB) 10 CLOCK 11
12 13 14 15 16 17 18
25 24
REFERENCE OUT CONTROL AMP OUT REFERENCE IN ANALOG -VS IOUT IOUT ANALOG RETURN
22 ANALOG -VS TOP VIEW D8 8 (Not to Scale) 21 IOUT D9 9 D10(LSB) 10 CLOCK 11 (NC) 12 INVERT 13 DIGITAL -VS(+VS) 14 20 IOUT 19 ANALOG RETURN 18 GROUND 17 RSET 16 DIGITAL -VS 15 GROUND
AD9720/AD9721 LCC
TOP VIEW (Not to Scale)
23 22 21 20 19
INVERT
GROUND
DIGITAL -VS
RSET
DIGITAL -VSD(+VS)
GROUND
-4-
REV. A
AD9720/AD9721
CLOCK CLOCK CLOCK
CLOCK
tS t H
DATA INPUTS CODE 1 D 1 - D 10 VALID DATA CODE 2 VALID DATA OUTPUT ERROR
ERROR BAND
t PD
OUTPUT
t ST
tPD
CODE 1
CODE 2
tS - INPUT SETUP TIME t H - INPUT HOLD TIME tST - OUTPUT SETTLING TIME t PD - OUTPUT PROPAGATION DELAY
AD9720/AD9721 Timing Diagram
THEORY AND APPLICATIONS
The AD9720/AD9721 high speed digital-to-analog converters utilize Most Significant Bit (MSB) decoding and segmentation techniques to reduce glitch impulse and maintain 10-bit linearity without trimming. As shown in the functional block diagram, the design is based on four main subsections: the Decoder/Driver circuits, the Edge Triggered Data Register, the Switch Network, and the Control Amplifier. An internal bandgap reference is also included to allow operation with a minimum of external components. The block labeled "Inverters" is transparent in normal operation, but can be used to minimize the external components requirements in DDS applications using the AD9950, a 300 MSPS phase accumulator (see AD9950 data sheet).
Digital Inputs/Timing
When using the internal reference, REFERENCE OUT (Pin 25) should be connected to CONTROL AMP IN (Pin 26). CONTROL AMP OUT (Pin 24) should be connected to REFERENCE IN (Pin 23). A 0.1 F ceramic capacitor from Pin 23 to ANALOG -VS (Pin 22) improves settling by decoupling switching noise from the current sink base line. A reference current cell provides feedback to the control amp by sinking current through RSET (Pin 17). Full-scale output current is determined by CONTROL AMP IN and RSET according to the equation: IOUT (FS) = (CONTROL AMP IN/RSET) 32 The internal reference is nominally -1.25 V with a tolerance of 8% and typical drift over temperature of 100 ppm/C. If greater accuracy or better temperature stability is required, an external reference can be utilized. The AD589 reference features 10 ppm/C drift over temperatures from 0C to +70C. Two modes of multiplying operation are possible with the AD9720/AD9721. Signals with bandwidths up to 1 MHz and input swings from -0.6 V to -1.2 V can be applied to the CONTROL AMP input as shown in Figure 1. Because the control amplifier is internally compensated, the 0.1 F capacitor discussed above can be reduced to maximize the multiplying bandwidth. However, it should be noted that settling time for changes to the digital inputs will be degraded.
AD9720/AD9721
RSET 17 RSET
The AD9720 employs single-ended ECL-compatible inputs for data inputs D1-D10 and the differential clock signals CLOCK and CLOCK. The internal ECL midpoint reference is designed to match 10K ECL device thresholds. On the AD9721, a TTL translator is added at each input and the clock becomes single ended; with these exceptions, the AD9720 and AD9721 are identical. (NOTE: Pin 14 is +VS on AD9721; -VS on AD9720.) In the Decoder/Driver section, the four MSBs (D1-D4) are decoded to 15 "thermometer code" lines. An equalizing delay is included for the six Least Significant Bits (LSBs) and the clock signals. This delay minimizes data skew and data setup and hold times at the register inputs. The onboard register is rising-edge-triggered and should be used to synchronize data to the current switches by applying a pulse with proper data set-up and hold times as shown in the timing diagram. Although the AD9720/AD9721 chip is designed to provide isolation from digital inputs to the outputs, some coupling of digital transitions is inevitable, especially with TTL or CMOS inputs applied to the AD9721. Digital feedthrough can be reduced by forming a low-pass filter using a resistor in series with the capacitance of each digital input; this rolls off the slew rate of the digital inputs.
References
-0.6V TO -1.2V 400 kHz MAX RT
26 CONTROL AMP IN
24
CONTROL AMP OUT
23
REFERENCE IN
As shown in the functional block diagram, the internal band-gap reference, control amplifier, and reference input are pinned out for maximum user flexibility when setting the reference. REV. A
0.1F ANALOG - VS
Figure 1. Low Frequency Multiplying Circuit
-5-
AD9720/AD9721
The REFERENCE IN pin can also be driven directly for wider bandwidth multiplying operation. The analog signal for this mode of operation must have a signal swing in the range of -3.3 V to -4.25 V. This can be implemented by capacitively coupling into REFERENCE IN a signal with a dc bias of -3.3 V (IOUT ~ 22.5 mA) to -4.25 V (IOUT ~ 3 mA), as shown in Figure 2, or by driving REFERENCE IN with a low impedance op amp whose signal swing is limited to the stated range.
AD9720/AD9721
REFERENCE IN 23 -- -3.8V
10k
1/2 AD708
-
+
10k
1/2 AD708
+
-
200 R1
100 R2 25 REF OUT 26 CONTROL AMP IN IOUT 20 25 RL I OUT 21 R FF
IOS
400 I FS 25 - RFB
AD9720/ AD9721
AD9617
+
V OUT 2.048 V
-VS
Figure 3. I/V Conversion Using Current Feedback Amp
-VS
DDS Applications
Figure 2. Wideband Multiplying Circuit
Outputs
The Switch Network provides complementary current outputs IOUT and IOUT . The design of the AD9720/AD9721 is based on statistical current source matching which provides 10-bit linearity without trim. Current is steered to either IOUT or IOUT in proportion to the digital input code. The sum of the two currents is always equal to the full-scale output current minus one LSB. The current output can be converted to a voltage by resistive loading as shown in the block diagram. Both IOUT and IOUT should be loaded equally for best overall performance. The voltage which is developed is the product of the output current and the value of the load resistor. An operational amplifier can also be used to perform the I to V conversion of the DAC output. Figure 3 shows an example of a circuit which uses the AD9617, a high speed, current feedback amplifier. The resistor values in Figure 3 provide a 4.096 V swing, centered at ground, at the output of the AD9617 amplifier.
The performance characteristics of the AD9720/AD9721 make it ideally suited for direct digital synthesis (DDS) and other waveform generation applications. Since the aliased distortion of the DAC collects around the fundamental when generating frequencies which are nearly integer fractions of the clock rate, these are often considered worst case conditions. Please contact the factory for information concerning the availability of an evaluation board or for additional characterization data.
SETTLING TIME 4.5ns NET GLITCH = 1.34pV-s PEAK GLITCH = 1.36pV-s
2 mV/DIVISION
AD9720
I OUT 100 MHz LPF 50
TEST CIRCUIT
5 ns/DIVISION
Figure 4. AD9720 Glitch Impulse
-6-
REV. A
AD9720/AD9721
0 -10 -20 -30 dB -40 -50 -60 -70 -80 66 68 70 MHz 72 74 AD9720 UPDATED AT 220 MSPS 0 -10 -20 -30 dB -40 -50 -60 -70 -80 8 9 10 MHz 11 12 AD9720 UPDATED AT 250 MSPS 0 -10 -20 -30 dB -40 -50 -60 -70 -80 60 61 62 MHz 63 64 65 AD9720 UPDATED AT 250 MSPS
Figure 5. Typical Output Spectrum
Figure 6. Typical Output Spectrum
Figure 7. Typical Output Spectrum
0 -10 -20 -30 dB -40 -50 -60 -70 -80 1.2 1.6 2.0 MHz 2.4 2.8 AD9720 UPDATED AT 100 MSPS
0 -10 -20 -30 dB -40 -50 -60 -70 -80 24.2 24.6 25.0 MHz 25.4 25.8 AD9720 UPDATED AT 100 MSPS
0 -10 -20 -30 dB -40 -50 -60 -70 -80 81 82 83 MHz 84 85 AD9720 UPDATED AT 250 MSPS
Figure 8. Typical Output Spectrum
Figure 9. Typical Output Spectrum
Figure 10. Typical Output Spectrum
TTL CLOCK REFERENCE GENERATOR STANDARD PRINTER CABLE
CLOCK CIRCUIT
POWER SUPPLY INTERFACE
+5V -5.2V
EXTERNAL POWER SUPPLY
INTERFACE LOGIC
AD9955 100MHz CMOS DDS
AD9713B OR AD9721 DAC 50 CABLE
SOFTWARE PROVIDED SOFTWARE PROVIDED
AD9955 DDS EVALUATION BOARD
IBM-COMPATIBLE PC
SPECTRUM ANALYZER
Figure 11. Direct Digital Synthesis System Diagram
REV. A
-7-
AD9720/AD9721
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Plastic DIP (N-28)
28 15 0.550 (13.97) 0.530 (13.46) 1 1.565 (39.70) 1.380 (35.10) 0.250 (6.35) MAX 14 0.060 (1.52) 0.015 (0.38) 0.140 (3.56) MIN 0.022 (0.558) 0.014 (0.356) 0.100 (2.54) BSC 0.70 (1.77) MAX
0.050 (1.27) BSC 0.019 (0.49) 0.014 (0.35)
28
28-Lead SOIC (R-28)
C1636a-0-6/97
0.04 (1.02) 0.024 (0.61) 0.620 (15.74) 0.590 (14.93) 0.018 (0.45) 0.008 (0.20) 0.026 (0.660) 0.014 (0.356) 0.110 (2.79) 0.098 (2.45) 0.07 (1.78) 0.03 (0.76) 15 0
15
0.300 (7.60) 0.292 (7.40)
0.625 (15.8) 0.600 (15.24)
1
14
0.419 (10.65) 0.319 (10.00)
0.015 (0.381) 0.008 (0.204)
0.712 (18.08) 0.700 (17.78) 0.104 (2.65) 0.093 (2.35)
0.012 (0.3) 0.004 (0.1)
0.013 (0.32) 0.009 (0.23)
28-Pin Leadless Chip Carrier (E-28A)
0.100 (2.54) 0.064 (1.63)
1
28-Lead Cerdip (Q-28)
1.490 (37.84) MAX 28 15 0.610 (15.49) 0.500 (12.70) 1 14
0.055 (1.40) 0.045 (1.14)
1.91 0.75 REF
0.028 (0.71) 0.022 (0.56) 28 0.050 (1.27) 0.005 (0.13) NO. 1 PIN INDEX
0.22 (5.59) MAX
GLASS SEALANT
BOTTOM VIEW
0.040 x 45 (1.02 x 45) REF 3 PLCS
0.020 x 45 (0.51 x 45) REF 0.458 (11.63) 0.442 (11.23)
2
0.125 (3.175) MIN
-8-
REV. A
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of AD9721BR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X